Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 23 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 23 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 19Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 20Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 21Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 22Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 23Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 24Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 25Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 26Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 27Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23
Product Specification
M270DTN01.5
Tv
Vertical Section
Period
1452
1481
8192
Th
Tdisp(v)
Active
1440
1440
1440
Th
Tblk(v)
Blanking
12
41
6752
Th
Fv
Frequency
30
120
145
Hz
Note 6-3
Th
Horizontal Section
Period
359
360
1023
Tclk
Tdisp(h)
Active
320
320
320
Tclk
Tblk(h)
Blanking
39
40
703
Tclk
Fh
Frequency
69.7
177.7
250.6
KHz
Note 6-4
Tclk
LVDS Clock
Period
11.1
15.6
39.9
ns
1/Fclk
Fclk
Frequency
25
64
90
MHz
Note 6-5
Note 6-3:
The optimized setting is 119~145 Hz to driving for good picture quality.
Note 6-4:
The equation is listed as following. Please don’t exceed the above recommended value.
Fh (Min.) = Fclk (Min.) / Th ((Min.);
Fh (Typ.)= Fclk (Typ.) / Th (Typ.);
Fh (Max.)= Fclk (Max.) / Th (Min.);
Note 6-5:
The equation is listed as following. Please don’t exceed the above recommended value.
Fclk (Min.) = Fv (Min.) x Th ((Min.) x Tv (Min.);
Fclk (Typ.) = Fv (Typ.) x Th ((Typ.) x Tv (Typ.);
Fv x Th x Tv < Fclk (Max.)
Input Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com