Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 12 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 12 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 8Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 10Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 11Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 12Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 13Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 14Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 15Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 16Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12
Product Specification
M270DTN01.5
CN2
PIN #
Symbol
DESCRIPTION
1
R3_0N
Negative LVDS differential data input (Port3 data)
2
R3_0P
Positive LVDS differential data input (Port3 data)
3
R3 1N
Negative LVDS differential data input (Port3 data)
4
R3 1P
Positive LVDS differential data input (Port3 data)
5
R3 2N
Negative LVDS differential data input (Port3 data)
6
R3 2P
Positive LVDS differential data input (Port3 data)
7
GND
Ground
8
R3_CLKN
Negative LVDS differential clock input (Port3 clock)
9
R3_CLKP
Positive LVDS differential clock input (Port3 clock)
10
GND
Ground
11
R3 3N
Negative LVDS differential data input (Port3 data)
12
R3 3P
Positive LVDS differential data input (Port3 data)
13
NC
No connection (for AUO test only. Do not connect)
14
NC
No connection (for AUO test only. Do not connect)
15
GND
Ground
16
R4_0N
Negative LVDS differential data input (Port4 data)
17
R4_0P
Positive LVDS differential data input (Port4 data)
18
R4_1N
Negative LVDS differential data input (Port4 data)
19
R4_1P
Positive LVDS differential data input (Port4 data)
20
R4 2N
Negative LVDS differential data input (Port4 data)
21
R4 2P
Positive LVDS differential data input (Port4 data)
22
GND
Ground
23
R4 CLKP
Negative LVDS differential clock input (Port4 clock)
24
R4 CLKP
Positive LVDS differential clock input (Port4 clock)
25
GND
Ground
26
R4_3N
Negative LVDS differential data input (Port4 data)
27
R4_3P
Positive LVDS differential data input (Port4 data)
28
NC
No connection (for AUO test only. Do not connect)
29
NC
No connection (for AUO test only. Do not connect)
30
Polarity_SYNC
Polarity SYNC (O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com