Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 24 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 24 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 20Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 21Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 22Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 23Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 24Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 25Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 26Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 27Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 28Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24
Product Specification
M270DTN01.5
3D Control
3D Control I/O Characteristics
Pin#
Symbol
I/O
Buffer
Description
Remark
CN2_pin30
Polarity_SYNC
O
4mA
Frame Inversion polarity Index
3D_EN=L :1-frame inversion
3D_EN=H :2-frame inversion
Note 6-6
CN3_pin30
3D_EN
I
IPL*
3D enable control signal
IPL:internal pull low
Note 6-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com