Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 32 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 32 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 28Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 29Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 30Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 31Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 32Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 33Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 34Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 35Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 36Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
32
Product Specification
M270DTN01.5
Note 7-2:
Vs (Max.) = VF X LED No. (one string);
a.
VF: LED chip forward voltage deviation; (0.2 V , each Bin of LED VF)
Note 7-3:
PBLU (Typ.) = Vs (Typ.) X Is (Typ.) X 4 ; ( 4 is total String No. of LED Light bar)
PBLU (Max.) = Vs (Max.) X Is (Typ.) X 4 ;
Note 7-4:
Definition of life time:
a. Brightness of LED becomes to 50% of its original value
b. Test condition: Is = 120mA and 25℃(Room Temperature)
Note 7-5:
Recommendation for LED driver power design:
Due to there are electrical property deviation in LED & monitor set system
component after long time operation. AUO strongly recommend the design value of
LED driver board OVP (over voltage protection) should be 10% higher than max. value
of LED string voltage (Vs) at least.
Note 7-6:
AUO strongly recommend “Analog Dimming” method for backlight brightness control
for Wavy Noise Free. Otherwise, recommend that Dimming Control Signal (PWM
Signal) should be synchronized with Frame Frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com