Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

115F40-R000RA-M3 Datasheet(PDF) 8 Page - AU Optronics Corp.,

Part # 115F40-R000RA-M3
Description  27inch Color TFT-LCD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUO [AU Optronics Corp.,]
Direct Link  http://www.auo.com/
Logo AUO - AU Optronics Corp.,

115F40-R000RA-M3 Datasheet(HTML) 8 Page - AU Optronics Corp.,

Back Button 115F40-R000RA-M3 Datasheet HTML 4Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 5Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 6Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 7Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 8Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 9Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 10Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 11Page - AU Optronics Corp., 115F40-R000RA-M3 Datasheet HTML 12Page - AU Optronics Corp., Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
8
Product Specification
M270DTN01.5
Note 2-3: Contrast ratio is measured by TOPCON SR-3
Note 2-4: Definition of Response time measured by Westar TRD-100A
The output signals of photo detector are measured when the input signals are changed from “Black” to
“White” (rising time, TR), and from “White” to “Black” (falling time, TF), respectively. The response time is
interval between the 10% and 90% of optical response.( Black & White color definition: Please refer section
3.4.3)
Note 2-5: Color chromaticity and coordinates (CIE) is measured by TOPCON SR-3
Note 2-6: Central luminance is measured by TOPCON SR-3
Note 2-7: Luminance uniformity of these 9 points is defined as below and measured by TOPCON SR-3
9)
-
(1
Points
9
in
Luminance
Maximum
9)
-
(1
points
9
in
Luminance
Minimum
Uniformity =
100
90
10
0
%
Optical
response
W hite
Tr
F
Tr
R
100
10
0
%
Optical
response
W hite
Black
Tr
F
Tr
R
Black
1 Frame
1 Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com