Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 84 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 84 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 80Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 81Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 82Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 83Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 84Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 85Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 86Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 87Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 88Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 121 page
background image
Version 1.6
84
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Differential AC and DC Input Levels
Differential Inputs logical levels (CK, 
– VREF = VREFCA(DC); DQS, : VREF = VREFDQ(DC))
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
VIHdiff(AC)
Differential input voltage HIGH AC
2 x (VIH(AC)-VREF)
Note 3
V
VILdiff(AC)
Differential input voltage LOW AC
Note 3
2 x (VREF-VIL(AC))
V
VIHdiff(DC)
Differential input voltage HIGH DC
2 x (VIH(DC)-VREF)
Note 3
V
VILdiff(DC)
Differential input voltage LOW DC
Note 3
2 x (VREF-VIL(DC))
V
Notes:
1. Used to define a differential signal slew-rate. For CK –  use VIH/VIL(dc) of CA and VREFCA; for DQS – , use VIH/VIL(dc) of
DQs and VREFDQ; if a reduced dc-high or dc-low level is used for a signal group, then the reduced level applies also here.
2. For CK and , use VIH/VIL(AC) of CA and VREFCA; for DQS and , use VIH/VIL(AC) of DQ and VREFDQ. If a reduced AC HIGH or AC
LOW is used for a signal group, the reduced voltage level also applies.
3. These values are not defined, however the single-ended signals CK, , DQS, and  must be within the respective limits
(VIH(DC)max, VIL(DC)min) for single-ended signals and must comply with the specified limitations for overshoot and undershoot.
CK,  and DQS,  Time Requirement before Ring back (tDVAC)
Slew Rate
(V/ns)
tDVAC(ps) at
VIH/VILdiff(AC) = 440 mV
Min
>4.0
175
4.0
170
3.0
167
2.0
163
1.8
162
1.6
161
1.4
159
1.2
155
1.0
150
<1.0
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com