Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 37 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 37 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 34Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 35Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 36Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 37Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 38Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 39Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 40Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 41Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 121 page
background image
Version 1.6
37
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Internal addressing in relation with the Districts
To use Multi Page Program operation, the internal addressing should be considered in relation with the
District.
• The device consists from 2 Districts.
• Each District consists from 1024 erase blocks.
• The allocation rule is follows.
District 0: Block 0, Block 2, Block 4, Block 6,···, Block 2046
District 1: Block 1, Block 3, Block 5, Block 7,···, Block 2047
Address input restriction for the Multi Page Program with Data Cache operation
There are following restrictions in using Multi Page Program with Data Cache;
(Restriction)
Maximum one block should be selected from each District.
Same page address (PA0 to PA5) within two districts has to be selected.
For example;
(80) [District 0, Page Address 0x00000] (11) (81) [District 1, Page Address 0x00040] (15 or 10)
(80) [District 0, Page Address 0x00001] (11) (81) [District 1, Page Address 0x00041] (15 or 10)
(Acceptance)
There is no order limitation of the District for the address input.
For example, following operation is accepted;
(80) [District 0] (11) (81) [District 1] (15 or 10)
(80) [District 1] (11) (81) [District 0] (15 or 10)
It requires no mutual address relation between the selected blocks from each District.
Operating restriction during the Multi Page Program with Data Cache operation
(Restriction)
The operation has to be terminated with “10h” command.
Once the operation is started, no commands other than the commands shown in the timing diagram is allowed
to be input except for Status Read command and reset command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com