Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 35 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 35 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 31Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 32Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 34Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 35Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 36Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 37Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 38Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 39Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 121 page
background image
Version 1.6
35
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Multi Page Program with Data Cache
The device has a Multi Page Program with Data Cache operation, which enables even higher speed program
operation compared to Auto Page Program with Data Cache as shown below. When the block address
changes (increments) this sequenced has to be started from the beginning.
The sequence of command, address and data input is shown below. (Refer to the detailed timing chart.)
For X8 :
For X16 :
After “15h” or “10h” Program command is input to device, physical programing starts as follows. For details
of Auto Program with Data Ca
che, refer to “Auto Page Program with Data Cache”.
The data is transferred (programmed) from the page buffer to the selected page on the rising edge of
 following input of the “15h” or
“10h” command. After programming, the programmed data is transferred back to the register to be automatically verified by the device. If
the programming does not succeed, the Program/Verify operation is repeated by the device until success is achieved or until the maximum
loop number set in the device is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com