Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 29 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 29 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 25Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 26Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 27Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 28Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 29Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 30Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 31Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 32Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 121 page
background image
Version 1.6
29
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
(3) Notes
(a) Internal addressing in relation with the Districts
To use Multi Page Read operation, the internal addressing should be considered in relation with the District.
• The device consists from 2 Districts.
• Each District consists from 1024 erase blocks.
• The allocation rule is follows.
District 0: Block 0, Block 2, Block 4, Block 6,···, Block 2046
District 1: Block 1, Block 3, Block 5, Block 7,···, Block 2047
(b) Address input restriction for the Multi Page Read operation
There are following restrictions in using Multi Page Read;
(Restriction)
Maximum one block should be selected from each District.
Same page address (PA0 to PA5) within two districts has to be selected.
For example;
(60) [District 0, Page Address 0x00000] (60) [District 1, Page Address 0x00040] (30)
(60) [District 0, Page Address 0x00001] (60) [District 1, Page Address 0x00041] (30)
(Acceptance)
There is no order limitation of the District for the address input.
For example, following operation is accepted;
(60) [District 0] (60) [District 1] (30)
(60) [District 1] (60) [District 0] (30)
It requires no mutual address relation between the selected blocks from each District.
(c)  signal
Make sure  is held to High level when Multi Page Read operation is performed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com