Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 22 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 22 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 18Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 19Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 20Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 21Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 22Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 23Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 24Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 25Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 26Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 121 page
background image
Version 1.6
22
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
DEVICE OPERATION
Read Mode
Read mode is set when the "00h"
and “30h” commands are issued to the Command register. Between the two
commands, a start address for the Read mode needs to be issued. After initial power on sequence, “00h”
command is latched into the internal command register. Therefore read operation after power on sequence is
executed by the setting of only five address cycles and “30h” command. Refer to the figures below for the
sequence and the block diagram (Refer to the detailed timing chart.).
For X8 :
For X16 :
A data transfer operation from the cell array to the Data Cache via Page Buffer starts on the rising edge of

in the 30h command input cycle (after the address information has been latched). The device will be in the Busy
state during this transfer period.
After the transfer period, the device returns to Ready state. Serial data can be output synchronously with the

clock from the start address designated in the address input cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com