Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 86 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 86 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 82Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 83Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 84Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 85Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 86Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 87Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 88Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 89Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 90Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 121 page
background image
Version 1.6
86
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
AC/DC Output Measurement Level
Single-Ended AC and DC Output Levels
Symbol
Parameter
LPDDR2 1066
Unit
Notes
VOH(AC)
AC output HIGH measurement level (for output slew rate)
VREF + 0.12
V
VOL(AC)
AC output LOW measurement level (for output slew rate)
VREF
– 0.12
V
VOH(DC)
DC output HIGH measurement level (for I-V curve linearity)
0.9 x VDDQ
V
1
VOL(DC)
DC output LOW measurement level (for I-V curve linearity)
0.1 x VDDQ
V
2
IOZ
Output leakage current (DQ, DM, DQS,
)
(DQ, DQS,
 are disabled; 0V ≤ VOUT ≤ VDDQ)
Min
-5
uA
Max
5
uA
MMpupd
Delta output impedance between pull-up and pull-down
for DQ/DM
Min
-15
%
Max
15
%
Notes:
1. IOH = –0.1mA
2. IOL = 0.1mA
Differential AC and DC Output Levels
Symbol
Parameter
LPDDR2 1066
Unit
Notes
VOHdiff(AC)
AC differential output HIGH measurement level (for output SR)
+ 0.20 x VDDQ
V
1
VOLdiff(AC)
AC differential output LOW measurement level (for output SR)
- 0.20 x VDDQ
V
2
Notes:
1. IOH = –0.1mA
2. IOL = 0.1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com