Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 47 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 47 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 43Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 44Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 45Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 46Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 47Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 48Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 49Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 50Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 51Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
Version 1.6
47
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Status Read
The device automatically implements the execution and verification of the Program and Erase operations. The
status Read function is used to monitor the Ready/Busy status of the device, determine the result (pass/fail) of
a Program or Erase operation, and determine whether the device is in Protect mode. The device status is
output via the I/O port using
 after a “70h” command input. The Status Read can also be used during a Read
operation to find out the Ready/Busy status.
Status Register Definition for 70H Command
I/O
Page Program
Block Erase
Read
Cache Read
Cache Program
Definition
I/O 0
Pass / Fail
Pass / Fail
Invalid
Invalid
Pass / Fail
Chip Status1
Pass : 0 / Fail : 1
I/O 1
Invalid
Invalid
Invalid
Invalid
Pass / Fail
Chip Status2
Pass : 0 / Fail : 1
I/O 2
0
0
0
0
0
Not Used
I/O 3
0
0
0
0
0
Not Used
I/O 4
0
0
0
0
0
Not Used
I/O 5
Ready / Busy
Ready / Busy
Ready / Busy
Ready / Busy
Ready / Busy
Page Buffer
Busy : 0 / Ready : 1
I/O 6
Ready / Busy
Ready / Busy
Ready / Busy
Ready / Busy
Ready / Busy
Data Cache
Busy : 0 / Ready : 1
I/O 7
Write Protect
Write Protect
Write Protect
Write Protect
Write Protect
Write Prot
Protected : 0
/ Not Protected : 1
I/O8 to 15
Not Used
Not Used
Not Used
Not Used
Not Used
Not Used
NOTE
The Pass/Fail status on I/O0 and I/O1 is only valid during a Program/Erase operation when the device is in the
Ready state.
Chip Status 1:
During a Auto Page Program or Auto Block Erase operation this bit indicates the pass/fail result.
During a Auto Page Programming with Data Cache operation, this bit shows the pass/fail results of the current
page program operation, and therefore this bit is only valid when I/O5 shows the Ready state.
Chip Status 2:
This bit shows the pass/fail result of the previous page program operation during Auto Page Programming with
Data Cache. This status is valid when I/O6 shows the Ready State.
The status output on the I/O5 is the same as that of I/O6 if the command input just before the 70h is not 15h or
31h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com