Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 33 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 33 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 29Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 30Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 31Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 32Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 33Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 34Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 35Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 36Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 37Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 121 page
background image
Version 1.6
33
Nanya Technology Corp.
05/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM148(F)2KSLAXCL/NM1482NSLAXCL
NTC Proprietary
Level: Property
Auto Page Program Operation with Data Cache
The device has an Auto Page Program with Data Cache operation enabling the high speed program operation
shown below. When the block address changes this
sequenced has to be started from the beginning.
Issuing the 15h command to the device after serial data input initiates the program operation with Data Cache
1 Data for Page N is input to Data Cache.
2 Data is transferred to the Page Buffer by the 15h command. During the transfer the Ready/Busy outputs Busy State (tDCBSYW2).
3 Data is programmed to the selected page while the data for page N + 1 is input to the Data Cache.
4 By the 15h command, the data in the Data Cache is transferred to the Page Buffer after the programming of page N is completed. The
device output busy state from the 15h command until the Data Cache becomes empty. The duration of this period depends on timing
between the internal programming of page N and serial data input for Page N + 1 (tDCBSYW2).
5 Data for Page N + P is input to the Data Cache while the data of the Page N + P − 1 is being programmed.
6 The programming with Data Cache is terminated by the 10h command. When the device becomes Ready, it shows that the internal
programming of the Page N + P is completed.
NOTE: Since the last page programming by the 10h command is initiated after the previous cache program, the tPROG during cache
programming is given by the following;
tPROG = tPROG for the last page + tPROG of the previous page − ( command input cycle + address input cycle + data input cycle time of
the last page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com