Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA450A Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA450A
Description  XMRADIO SDARS SERVICE LAYER & SOURCE DECODER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA450A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA450A Datasheet HTML 14Page - STMicroelectronics STA450A Datasheet HTML 15Page - STMicroelectronics STA450A Datasheet HTML 16Page - STMicroelectronics STA450A Datasheet HTML 17Page - STMicroelectronics STA450A Datasheet HTML 18Page - STMicroelectronics STA450A Datasheet HTML 19Page - STMicroelectronics STA450A Datasheet HTML 20Page - STMicroelectronics STA450A Datasheet HTML 21Page - STMicroelectronics STA450A Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
STA450A
18/66
HOST_SOFTRESET
Address
: 0x10
Type
: W
Software Reset
: NA
Hardware Reset
: NA
Description
When bit 0 of this register is set, a soft reset occurs. The command registers and the interrupt registers
are cleared. The STA450A goes into idle mode.
HOST_Pllpcm
Address
: 0x12
Type
: R - W
Software Reset
: NC
Hardware Reset
: 0x01
Description
00
Not used
01
The PCMCLK pad is in input. This external PCMCLK source is sent to the I2S PCM output.
10
The PCMCLK pad is in output. The internal audio PLL is generating the PCM clock for the I2S
PCM output.
11
Same case as 10 but the PCMCLK is in tri-state mode
HOST_Plldata
Address
: 0x11
Type
: R/W
Software Reset
: 0
Hardware Reset
: 0
Description
Data to be copied in the Level 1 register for system PLL.
This register should be used in conjunction with registers HOST_Pllcmd and HOST_Plladd
HOST_Pllcmd
Address
: 0x18
Type
: R/W
Software Reset
: 0
7654
3210
10
7654
3210
12
7654
3210
11
7654
3210
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com