Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 60 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 60 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 56Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 57Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 58Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 59Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 60Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 61Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 62Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 63Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
PSD813F1V
60/110
Enable Out
The Enable Out register can be read by the micro-
controller. It contains the output enable values for
a given port. A ‘1’ indicates the driver is in output
mode. A ‘0’ indicates the driver is in tri-state and
the pin is in input mode.
Ports A and B – Functionality and Structure
Ports A and B have similar functionality and struc-
ture, as shown in Figure 29. The two ports can be
configured to perform one or more of the following
functions:
■
MCU I/O Mode
■
CPLD Output – Macrocells McellAB7-
McellAB0 can be connected to Port A or Port
B. McellBC7-McellBC0 can be connected to
Port B or Port C.
■
CPLD Input – Via the Input Macrocells (IMC).
■
Latched Address output – Provide latched
address output as per Table 21., page 55.
■
Address In – Additional high address inputs
using the Input Macrocells (IMC).
■
Open Drain/Slew Rate – pins PA3-PA0 and
PB3-PB0 can be configured to fast slew rate,
pins PA7-PA4 and PB7-PB4 can be
configured to Open Drain Mode.
■
Data Port – Port A to D7-D0 for 8 bit non-
multiplexed bus
■
Multiplexed Address/Data port for certain
types of MCU bus interfaces.
■
Peripheral Mode – Port A only
Figure 29. Port A and Port B Structure
DATA OUT
REG.
DQ
D
G
Q
DQ
DQ
WR
WR
WR
ADDRESS
MACROCELL OUTPUTS
ENABLE PRODUCT TERM (.OE)
ALE
READ MUX
P
D
B
CPLD - INPUT
CONTROL REG.
DIR REG.
INPUT
MACROCELL
ENABLE OUT
DATA IN
OUTPUT
SELECT
OUTPUT
MUX
PORT
A OR B PIN
DATA OUT
ADDRESS
A[ 7:0] OR A[15:8]
AI02887



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com