Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 85 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 85 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 81Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 82Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 83Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 84Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 85Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 86Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 87Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 88Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
85/110
PSD813F1V
Table 51. CPLD Macrocell Asynchronous Clock Mode Timing (5V devices)
Note: 1. ZPSD versions only.
Symbol
Parameter
Conditions
-90
-12
-15
PT
Aloc
Turbo
Off1
Slew
Rate
Unit
Min
Max
Min
Max
Min
Max
fMAXA
Maximum
Frequency
External
Feedback
1/(tSA+tCOA)
26.3
2
23.25
20.4
MHz
Maximum
Frequency
Internal
Feedback
(fCNTA)
1/(tSA+tCOA–10)
35.7
1
30.30
25.64
MHz
Maximum
Frequency
Pipelined
Data
1/(tCHA+tCLA)
41.6
7
35.71
33.3
MHz
tSA
Input Setup
Time
8
10
12
+ 2
+ 10
ns
tHA
Input Hold
Time
12
14
14
ns
tCHA
Clock Input
High Time
12
14
15
+ 10
ns
tCLA
Clock Input
Low Time
12
14
15
+ 10
ns
tCOA
Clock to
Output Delay
30
33
37
+ 10
– 2
ns
tARDA
CPLD Array
Delay
Any macrocell
16
18
22
+ 2
ns
tMINA
Minimum
Clock Period
1/fCNTA
28
33
39
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com