Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 97 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 97 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 93Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 94Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 95Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 96Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 97Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 98Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 99Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 100Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 110 page
background image
97/110
PSD813F1V
Figure 51. Reset (RESET) Timing
Table 67. Reset (RESET) Timing (5V devices)
Note: 1. Reset (RESET) does not reset Flash memory Program or Erase cycles.
2. Warm reset aborts Flash memory Program or Erase cycles, and puts the device in READ Mode.
Table 68. Reset (RESET) Timing (3V devices)
Note: 1. Reset (RESET) does not reset Flash memory Program or Erase cycles.
2. tNLNH-PO is 10ms for devices manufactured before the rev.A.
Table 69. VSTBYON Timing (5V devices)
Table 70. VSTBYON Timing (3V devices)
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET Active Low Time 1
150
ns
tNLNH–PO
Power On Reset Active Low Time
1
ms
tOPR
RESET High to Operational Device
120
ns
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET Active Low Time 1
300
ns
tNLNH–PO
Power On Reset Active Low Time2
1ms
tOPR
RESET High to Operational Device
300
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output High
(Note 1)
20
µs
tBXBL
VSTBY Off Detection to VSTBYON Output
Low
(Note 1)
20
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output High
(Note 1)
2.0
µs
tBXBL
VSTBY Off Detection to VSTBYON Output
Low
(Note 1)
2.0
µs
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com