Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 69 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 69 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 65Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 66Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 67Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 68Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 69Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 70Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 71Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 72Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
69/110
PSD813F1V
RESET TIMING AND DEVICE STATUS AT RESET
Power-On Reset
Upon Power-up, the PSD requires a Reset (RE-
SET) pulse of duration tNLNH-PO (See Tables 67
and 68 for values) after VCC is steady. During this
period, the device loads internal configurations,
clears some of the registers and sets the Flash
memory or EEPROM into Operating mode. After
the rising edge of Reset (RESET), the PSD re-
mains in the Reset mode for an additional period,
tOPR (See Tables 67 and 68 for values), before the
first memory access is allowed.
The PSD Flash or EEPROM memory is reset to
the READ mode upon power up. The FSi and
EESi select signals along with the write strobe sig-
nal must be in the false state during power-up re-
set for maximum security of the data contents and
to remove the possibility of a byte being written on
the first edge of a write strobe signal. The PSD au-
tomatically prevents write strobes from reaching
the EEPROM memory array for about 5ms (tEEH-
WL). Any Flash memory WRITE cycle initiation is
prevented automatically when VCC is below VLKO.
Warm Reset
Once the device is up and running, the device can
be reset with a much shorter pulse of tNLNH (See
Tables 67 and 68 for values). The same tOPR time
is needed before the device is operational after
warm reset. Figure 35 shows the timing of the
power on and warm reset.
I/O Pin, Register and PLD Status at Reset
Table 33., page 70 shows the I/O pin, register and
PLD status during Power On Reset, Warm reset
and Power-down mode. PLD outputs are always
valid during warm reset, and they are valid in Pow-
er On Reset once the internal PSD Configuration
bits are loaded. This loading of PSD is completed
typically long before the VCC ramps up to operat-
ing level. Once the PLD is active, the state of the
outputs are determined by the PSDabel equa-
tions.
Figure 35. Reset (RESET) Timing
tNLNH-PO
tOPR
AI02866b
RESET
tNLNH
tNLNH-A
tOPR
VCC
V
CC(min)
Power-On Reset
Warm Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com