Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 73 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 73 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 69Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 70Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 71Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 72Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 73Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 74Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 75Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 76Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 110 page
background image
73/110
PSD813F1V
AC/DC PARAMETERS
The following tables describe the AD and DC pa-
rameters of the PSD:
■
DC Electrical Specification
■
AC Timing Specification
PLD Timing
–
Combinatorial Timing
–
Synchronous Clock Mode
–
Asynchronous Clock Mode
–
Input Macrocell Timing
MCU Timing
–
READ Timing
–WRITE Timing
–
Peripheral Mode Timing
–
Power-down and Reset Timing
The following are issues concerning the parame-
ters presented:
■
In the DC specification the supply current is
given for different modes of operation. Before
calculating the total power consumption,
determine the percentage of time that the PSD
is in each mode. Also, the supply power is
considerably different if the Turbo bit is ‘0.’
■
The AC power component gives the PLD,
EEPROM and SRAM mA/MHz specification.
Figures 36 and 37 show the PLD mA/MHz as
a function of the number of Product Terms
(PT) used.
■
In the PLD timing parameters, add the
required delay when Turbo bit is ‘0.'
Figure 36. PLD ICC /Frequency Consumption (5V range)
Figure 37. PLD ICC /Frequency Consumption (3V range)
0
10
20
30
40
60
70
80
90
100
110
VCC = 5V
50
010
15
5
20
25
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
TUR
BO
ON
(100%
)
TURBO
ON
(25%)
TURBO
OFF
PT 100%
PT 25%
AI02894
0
10
20
30
40
50
60
VCC = 3V
010
15
5
20
25
TURBO
ON (100%)
TURB
O ON
(25%
)
TU
RB
O O
FF
HIGHEST COMPOSITE FREQUENCY AT PLD INPUTS (MHz)
PT 100%
PT 25%
AI03100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com