Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 65 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 65 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 61Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 62Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 63Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 64Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 65Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 66Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 67Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 68Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
65/110
PSD813F1V
Automatic Power-down (APD) Unit and Power-down Mode
The APD Unit, shown in Figure 33, puts the PSD
into Power-down mode by monitoring the activity
of Address Strobe (ALE/AS, PD0). If the APD Unit
is enabled, as soon as activity on Address Strobe
(ALE/AS, PD0) stops, a four bit counter starts
counting. If Address Strobe (ALE/AS, PD0) re-
mains inactive for fifteen clock periods of CLKIN
(PD1), the Power-down (PDN) signal becomes ac-
tive, and the PSD enters Power-down mode, as
discussed next.
Power-down Mode
By default, if you enable the PSD APD unit, Power
Down Mode is automatically enabled. The device
will enter Power Down Mode if the address strobe
(ALE/AS) remains inactive for fifteen CLKIN (pin
PD1) clock periods.
The following should be kept in mind when the
PSD is in Power Down Mode:
–
If the address strobe starts pulsing again, the
PSD will return to normal operation. The PSD
will also return to normal operation if either the
CSI input returns low or the Reset input
returns high.
–
The MCU address/data bus is blocked from all
memories and PLDs.
–
Various signals can be blocked (prior to Power
Down Mode) from entering the PLDs by
setting the appropriate bits in the PMMR
registers. The blocked signals include MCU
control signals and the common clock
(CLKIN). Note that blocking CLKIN from the
PLDs will not block CLKIN from the APD unit.
–
All PSD memories enter Standby Mode and
are drawing standby current. However, the
PLDs and I/O ports do not go into Standby
Mode because you don’t want to have to wait
for the logic and I/O to “wake-up” before their
outputs can change. See Table 28 for Power
Down Mode effects on PSD ports.
–
Typical standby current are of the order of the
microampere (see Table 29). These standby
current values assume that there are no
transitions on any PLD input.
Table 28. Power-down Mode’s Effect on Ports
Figure 33. APD Unit
Table 29. PSD Timing and Stand-by Current during Power-down Mode
Note: 1. Power-down does not affect the operation of the PLD. The PLD operation in this mode is based only on the Turbo bit.
2. Typical current consumption assuming no PLD inputs are changing state and the PLD Turbo bit is 0.
Port Function
Pin Level
MCU I/O
No Change
PLD Out
No Change
Address Out
Undefined
Data Port
Tri-State
Peripheral I/O
Tri-State
Mode
PLD Propagation
Delay
Memory
Access Time
Access Recovery Time
to Normal Access
Typical Stand-by Current
5V VCC
3V VCC
Power-down
Normal tPD
(1)
No Access
tLVDV
50µA(2)
25µA(2)
APD EN
PMMR0 BIT 1=1
ALE
RESET
CSI
CLKIN
TRANSITION
DETECTION
EDGE
DETECT
APD
COUNTER
POWER DOWN
(PDN)
DISABLE BUS
INTERFACE
EEPROM SELECT
FLASH SELECT
SRAM SELECT
PD
CLR
PD
DISABLE
FLASH/EEPROM/SRAM
PLD
SELECT
AI02891



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com