Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 96 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 96 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 92Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 93Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 94Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 95Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 96Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 97Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 98Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 99Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
PSD813F1V
96/110
Figure 50. Peripheral I/O WRITE Timing
Table 65. Port A Peripheral Data Mode WRITE Timing (5V devices)
Note: 1. RD has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode).
2. WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
3. Any input used to select Port A Data Peripheral mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
Table 66. Port A Peripheral Data Mode WRITE Timing (3V devices)
Note: 1. RD has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode) signals.
2. WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
3. Any input used to select Port A Data Peripheral mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
Symbol
Parameter
Conditions
-90
-12
-15
Unit
Min
Max
Min
Max
Min
Max
tWLQV–PA
WR to Data Propagation Delay
(Note 2)
35
38
40
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 5)
30
35
38
ns
tWHQZ–PA
WR Invalid to Port A Tri-state
(Note 2)
25
30
33
ns
Symbol
Parameter
Conditions
-15
-20
Unit
Min
Max
Min
Max
tWLQV–PA
WR to Data Propagation Delay
(Note 2)
45
55
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 5)
40
45
ns
tWHQZ–PA
WR Invalid to Port A Tri-state
(Note 2)
33
35
ns
tDVQV (PA)
tWLQV
(PA)
tWHQZ (PA)
ADDRESS
DATA OUT
A / D BUS
WR
PORT A
DATA OUT
ALE /AS
AI02898



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com