Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 71 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 71 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 67Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 68Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 69Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 70Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 71Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 72Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 73Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 74Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 110 page
background image
71/110
PSD813F1V
PROGRAMMING IN-CIRCUIT USING THE JTAG SERIAL INTERFACE
The JTAG interface on the PSD can be enabled on
Port C (see Table 34., page 72). All memory
(Flash and EEPROM), PLD logic, and PSD config-
uration bits may be programmed through the
JTAG interface. A blank part can be mounted on a
printed circuit board and programmed using
JTAG.
The standard JTAG signals (IEEE 1149.1) are
TMS, TCK, TDI, and TDO. Two additional signals,
TSTAT and TERR, are optional JTAG extensions
used to speed up program and erase operations.
Note: By default, on a blank PSD (as shipped from
factory or after erasure), four pins on Port C are
enabled for the basic JTAG signals TMS, TCK,
TDI, and TDO.
Standard JTAG Signals
The standard JTAG signals (TMS, TCK, TDI, and
TDO) can be enabled by any of three different con-
ditions that are logically ORed. When enabled,
TDI, TDO, TCK, and TMS are inputs, waiting for a
serial command from an external JTAG controller
device (such as FlashLink or Automated Test
Equipment). When the enabling command is re-
ceived from the external JTAG controller, TDO be-
comes an output and the JTAG channel is fully
functional inside the PSD. The same command
that enables the JTAG channel may optionally en-
able the two additional JTAG pins, TSTAT and
TERR.
The following symbolic logic equation specifies the
conditions enabling the four basic JTAG pins
(TMS, TCK, TDI, and TDO) on their respective
Port C pins. For purposes of discussion, the logic
label JTAG_ON will be used. When JTAG_ON is
true, the four pins are enabled for JTAG. When
JTAG_ON is false, the four pins can be used for
general PSD I/O.
JTAG_ON = PSDsoft_enabled +
/* An NVM configuration bit inside the PSD
is set by the designer in the PSDsoft
Express Configuration utility. This
dedicates the pins for JTAG at all
times (compliant with IEEE 1149.1) */
Microcontroller_enabled +
/* The microcontroller can set a bit at run-
time by writing to the PSD register,
JTAG Enable. This register is located
at address CSIOP + offset C7h. Setting
the JTAG_ENABLE bit in this register
will enable the pins for JTAG use. This
bit is cleared by a PSD reset or the
microcontroller. See Table
35., page 72 for bit definition. */
PSD_product_term_enabled;
/* A dedicated product term (PT) inside the
PSD can be used to enable the JTAG pins.
This PT has the reserved name JTAGSEL.
Once defined as a node in PSDabel, the
designer can write an equation for
JTAGSEL. This method is used when the
Port C JTAG pins are multiplexed with
other I/O signals. It is recommended to
logically tie the node JTAGSEL to the
JEN\ signal on the Flashlink cable when
multiplexing JTAG signals. (AN1153)
The PSD supports JTAG In-System-Configuration
(ISC) commands, but not Boundary Scan. A defi-
nition of these JTAG-ISC commands and se-
quences are defined in a supplemental document
available from ST. ST’s PSDsoft Express software
tool and FlashLink JTAG programming cable im-
plement these JTAG-ISC commands. This docu-
ment is needed only as a reference for designers
who use a FlashLink to program their PSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com