Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 89 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 89 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 85Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 86Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 87Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 88Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 89Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 90Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 91Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 92Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 110 page
background image
89/110
PSD813F1V
Table 55. READ Timing (5V devices)
Note: 1. RD timing has the same timing as DS, LDS, UDS, and PSEN signals.
2. RD and PSEN have the same timing.
3. Any input used to select an internal PSD function.
4. In multiplexed mode, latched addresses generated from ADIO delay to address output on any Port.
5. RD timing has the same timing as DS, LDS, and UDS signals.
6. In Turbo Off mode, add 10ns to tAVQV.
Symbol
Parameter
Conditions
-90
-12
-15
Turbo
Off
Unit
MinMax
MinMax
MinMax
tLVLX
ALE or AS Pulse Width
20
22
28
ns
tAVLX
Address Setup Time
(Note 3)
6
8
10
ns
tLXAX
Address Hold Time
(Note 3)
89
11
ns
tAVQV
Address Valid to Data Valid
(Notes 3,6)
90
120
150
+ 10
ns
tSLQV
CS Valid to Data Valid
100
135
150
ns
tRLQV
RD to Data Valid 8-Bit Bus
(Note 5)
32
35
40
ns
RD or PSEN to Data Valid
8-Bit Bus, 8031, 80251
(Note 2)
38
42
45
ns
tRHQX
RD Data Hold Time
(Note 1)
00
0
ns
tRLRH
RD Pulse Width
(Note 1)
32
35
38
ns
tRHQZ
RD to Data High-Z
(Note 1)
25
35
38
ns
tEHEL
E Pulse Width
32
36
38
ns
tTHEH
R/W Setup Time to Enable
10
13
18
ns
tELTL
R/W Hold Time After Enable
0
0
0
ns
tAVPV
Address Input Valid to
Address Output Delay
(Note 4)
25
28
32
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com