Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1AV-70UT Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 83Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 84Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 85Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 86Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 87Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 88Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 89Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 90Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
87/110
PSD813F1V
Figure 46. Input Macrocell Timing (product term clock)
Table 53. Input Macrocell Timing (5V devices)
Note: 1. Inputs from Port A, B, and C relative to register/ latch clock from the PLD. ALE/AS latch timings refer to tAVLX and tLXAX.
2. ZPSD versions only.
Table 54. Input Macrocell Timing (3V Devices)
Note: 1. Inputs from Port A, B, and C relative to register/latch clock from the PLD. ALE latch timings refer to tAVLX and tLXAX.
2. ZPSD Versions only.
Symbol
Parameter
Conditions
-90
-12
-15
PT
Aloc
Turbo
Off2
Unit
Min
Max
Min
Max
Min
Max
tIS
Input Setup Time
(Note 1)
00
0
ns
tIH
Input Hold Time
(Note 1)
20
22
26
+ 10
ns
tINH
NIB Input High Time
(Note 1)
12
15
18
ns
tINL
NIB Input Low Time
(Note 1)
12
15
18
ns
tINO
NIB Input to Combinatorial
Delay
(Note 1)
46
50
59
+ 2
+ 10
ns
Symbol
Parameter
Conditions
-15
-20
PT
Aloc
Turbo
Off2
Unit
Min
Max
Min
Max
tIS
Input Setup Time
(Note 1)
00
ns
tIH
Input Hold Time
(Note 1)
25
30
+ 20
ns
tINH
NIB Input High Time
(Note 1)
13
15
ns
tINL
NIB Input Low Time
(Note 1)
13
15
ns
tINO
NIB Input to Combinatorial Delay
(Note 1)
62
70
+ 4
+ 20
ns
tINH
tINL
tINO
tIH
tIS
PT CLOCK
INPUT
OUTPUT
AI03101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com