Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 3 Page - Microchip Technology

  MCP37D21-80E/TE Datasheet HTML 1Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 2Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 3Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 4Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 5Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 6Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 7Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 8Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 3
MCP37D31-80 AND MCP37D21-80
Description
The MCP37D31-80 and MCP37D21-80 are 80 Msps,
16-bit and 14-bit high-precision analog-to-digital
converter, respectively, with configurable input MUX.
A built-in 8-input multiplexer (MUX) is used to select the
active analog input(s) depending on the user
configuration. In single-channel operation, the MUX
can be configured to select one of the 8-inputs. In multi-
channel operation, the selected inputs are sequentially
sampled. The input channel selection and the channel
order are configured using the user-programmable
configuration register bits.
The ADC core operates at up to an 80 Msps rate. In
single-channel operation, the analog input is sampled
at full speed. In multi-channel operation, the effective
sample rate per channel is the full speed divided by the
number of selected channels. For example, if all 8-input
channels are used, each input channel is sampled at
10 Msps when the ADC core is running at 80 Msps.
Similarly, if only 4-input channels are selected, each
input channel is sampled at 20 Msps when the ADC
core is running at 80 Msps.
The device features harmonic distortion correction,
DAC noise cancellation, power-up calibration, and
always-on background calibration which enable high
performance to be maintained consistently across the
extended temperature range.
In addition to the data conversion, the device offers
exceptional user-selectable built-in digital signal post-
processing (DSPP) features that include high-order
digital decimation filters, digital down-conversion
(DDC), fractional delay recovery (FDR), gain and offset
adjustment per channel, and continuous wave (CW)
beamforming capability.
The output decimation filter option improves SNR
performance significantly up to 90’s dBFS with the
512x decimation setting. The built-in digital down-
conversion (DDC) option can offer great flexibility in
advanced RF and digital communication system
designs.
Gain, phase and DC offset can be adjusted
independently for each input channel, allowing for
simplified implementation of continuous wave (CW)
beamforming
and
ultrasound
Doppler
imaging
applications.
In dual or octal-channel mode, the Fractional Delay
Recovery (FDR) feature digitally corrects the difference
in sampling instance between different channels, so
that all inputs appear to have been sampled at the
same time.
The differential full-scale analog input range is
programmable up to 2.975 VP-P.
The input is sampled on the rising edge of the clock.
The digital output code is available after 28 clock cycles
of data latency. Latency will increase if any of the digital
signal post-processing (DSPP) options are enabled.
The ADC output data can be coded in two's
complement or offset binary representation, with or
without the data randomizer option. The output data is
available as full-rate CMOS or Double-Data-Rate
(DDR) LVDS. Additionally, a serialized LVDS option is
also available for the 16-bit octal-channel mode.
The device also includes various features designed to
maximize flexibility in the user’s applications and
minimize system cost, such as a programmable PLL
clock, output data rate control and phase alignment,
and programmable digital pattern generation. The
device’s operational modes and feature sets are
configured using the user-programmable registers.
AutoSync mode offers a great design flexibility when
multiple devices are used in applications. It allows
multiple devices to sample input synchronously at the
same clock source.
The high dynamic performance with built-in digital
signal post-processing (DSPP) features makes the
device ideal for various high-performance data
acquisition systems, including communication and test
equipment, ultrasound imaging equipment, Lidar,
Radar and portable instrumentation.
The device is available in a lead-free TFBGA-121
package. The device is AEC-Q100 qualified for
automotive applications and operates over the
extended temperature range of -40°C to +125°C.
Package Type
TFBGA-121 Package
Bottom View
Dimension: 8 mm x 8 mm x 1.08 mm
Ball Pitch: 0.65 mm
Ball Diameter: 0.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com