Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 71 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 71 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 67Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 68Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 69Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 70Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 71Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 72Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 73Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 74Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 141 page
background image
MCP37D31-80 AND MCP37D21-80
DS20006382A-page 71
 2020 Microchip Technology Inc.
4.12.11
DIGITAL OUTPUT RANDOMIZER
Depending on PCB layout considerations and power
supply coupling, SFDR may be improved by
decorrelating the ADC input from the ADC digital output
data. The device includes an output data randomizer
option. When this option is enabled, the digital output is
randomized by applying an exclusive-OR logic
operation between the LSb (D0) and all other data
output bits.
To decode the randomized data, the reverse operation
is applied: an exclusive-OR operation is applied
between the LSb (D0) and all other bits. The DCLK,
OVR, WCK, DM1, DM2 and LSb (D0) outputs are not
affected. Figure 4-25 shows the block diagram of the
data randomizer and decoder logic. The output ran-
domizer is enabled by setting the EN_OUT_RANDOM
bit in Address 0x07 (Register 5-5).
FIGURE 4-25:
Logic Diagram for Digital Output Randomizer and Decoder (16-Bit mode).
4.12.12
OUTPUT DISABLE
The digital output can be disabled by setting
OUTPUT_MODE<1:0>
=
00 in Address 0x62
(Register 5-20). All digital outputs are disabled,
including OVR, WCK, DCLK, etc.
4.12.13
OUTPUT TEST PATTERNS
To facilitate testing of the I/O interface, the device can
produce various predefined or user-defined patterns on
the digital outputs. See TEST_PATTERNS<2:0> in
Address 0x62 (Register 5-20) for the predefined test
patterns. For the user-defined patterns, Addresses
0x74 – 0x77 (Registers 5-29 – 5-32) can be pro-
grammed using the SPI interface. When an output test
mode is enabled, the ADC’s analog section can still be
operational, but does not drive the digital outputs. The
outputs are driven only with the selected test pattern.
Q0
Q1
Q2
WCK
DCLK
OVR
Q1
Q2
WCK
DCLK
OVR
Q0
Data Acquisition Device
(a) Data Randomizer
(b) Data Decoder
DCLK
WCK
OVR
Q0
Q0
Q2
Q0
Q1
Q0
Q0
EN_OUT_RANDOM
MCP37D31/21-80
Q15
Q14
Q15
Q14
Q15
Q14
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com