Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 75Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 76Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 77Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 78Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 79Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 80Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 81Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 82Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 141 page
background image
0x66
Digital Offset
Correction - Lower Byte
DIG_OFFSET_GLOBAL<7:0>
0x00
0x67
Digital Offset
Correction - Upper Byte
DIG_OFFSET_GLOBAL<15:8>
0x00
0x68
WCK/OVR and DM1/DM2
FCB<3:0> = 0010
POL_WCK_OVR
EN_WCK_OVR
DM1DM2
POL_DM1DM2
0x24
0x6B
PLL Calibration
FCB<6:2> = 00001
PLL_CAL_TRIG
FCB<1:0> = 00
0x08
0x6D
PLL Output and Output Clock
Phase
U<1:0>
EN_PLL_CLK
FCB<1> = 0
DCLK_DLY_PLL<2:0>
FCB<0> = 0
0x00
0x74
User-Defined Output
Pattern A - Lower Byte
PATTERN A<7:0>
0x00
0x75
User-Defined Output
Pattern A - Upper Byte
PATTERN A<15:8>
0x00
0x76
User-Defined Output
Pattern B - Lower Byte
PATTERN B<7:0>
0x00
0x77
User-Defined Output
Pattern B - Upper Byte
PATTERN B<15:8>
0x00
0x79
Dual-Channel DSPP Control
EN_DSPP_2
FCB<6:0> = 000 0000
0x00
0x7A
FDR and FIR_A0
FCB<5> = 0
FIR_A<0>
EN_FDR
FCB<4:0> = 00000
0x00
0x7B
FIR A Filter
FIR_A<8:1>
0x00
0x7C
FIR B Filter
FIR_B<7:0>
0x00
0x7D
Auto-Scan Channel Order -
Lower Byte
CH_ORDER<7:0>
0x78
0x7E
Auto-Scan Channel Order -
Middle Byte
CH_ORDER<15:8>
0xAC
0x7F
Auto-Scan Channel Order -
Upper Byte
CH_ORDER<23:16>
0x8E
0x80
Digital Down-Converter
Control 1
HBFILTER_B
HBFILTER_A
EN_NCO
EN_AMPDITH
EN_PHSDITH
EN_LFSR
EN_DDC_FS/8
EN_DDC1
0x00
0x81
Digital Down-Converter
Control 2
FDR_BAND
EN_DDC2
GAIN_HBF_DDC
SEL_FDR
EN_DSPP_8
8CH_CW
GAIN_8CH<1:0>
0x00
0x82
Numerically Controlled
Oscillator (NCO) Tuning -
Lower Byte
NCO_TUNE<7:0>
0x00
0x83
Numerically Controlled
Oscillator (NCO) Tuning -
Middle Lower Byte
NCO_TUNE<15:8>
0x00
0x84
Numerically Controlled
Oscillator (NCO) Tuning -
Middle Upper Byte
NCO_TUNE<23:16>
0x00
TABLE 5-3:
REGISTER MAP TABLE (CONTINUED)
Addr.
Register Name
Bits
Default
Value
b7
b6
b5
b4
b3
b2
b1
b0
Legend:
U = Unimplemented bit, read as ‘0’
FCB = Factory-Controlled Bits. Do not program
1 = bit is set
0 = bit is cleared
x = bit is unknown
2:
Read-only register. Preprogrammed at the factory for internal use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com