Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 44Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 45Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 46Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 47Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 48Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 49Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 50Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 51Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 48
MCP37D31-80 AND MCP37D21-80
4.7.2
USING PLL MODE
The PLL block is mainly used when clock multiplication
is needed. When CLK_SOURCE = 1, the sampling
frequency (fS) of the ADC core is coming from the
internal PLL block.
The external clock input is used as the PLL reference
frequency. The range of the clock input frequency is
from 5 MHz to 250 MHz.
4.7.2.1
PLL Output Frequency and Output
Control Parameters
The internal PLL can provide a stable timing output
ranging from 50 MHz to 250 MHz. Figure 4-11 shows the
PLL block using a charge-pump-based integer N PLL
and the PLL output control block. The PLL block
includes various user control parameters for the desired
output frequency. Table 4-6 summarizes the PLL control
register bits and Table 4-7 shows an example of register
bit settings for the PLL charge pump and loop filter.
The PLL block consists of:
• Reference Frequency Divider (R)
• Prescaler - which is a feedback divider (N)
• Phase/Frequency Detector (PFD)
• Current Charge Pump
• Loop Filter - a 3rd order RC low-pass filter
• Voltage-Controlled Oscillator (VCO)
The external clock at the CLK+ and CLK- pins is the
input frequency to the PLL. The range of input
frequency (fREF) is from 5 MHz to 250 MHz. This input
frequency is divided by the reference frequency
divider (R) which is controlled by the 10-bit-wide
PLL_REFDIV<9:0> setting. In the feedback loop, the
VCO frequency is divided by the prescaler (N) using
PLL_PRE<11:0>.
The ADC core sampling frequency (fS) is obtained
after
the
output
frequency
divider
(PLL_OUTDIV<3:0>). For stable operation, the user
needs to configure the PLL with the following limits:
The charge pump is controlled by the PFD, and forces
sink (DOWN) or source (UP) current pulses onto the
loop filter. The charge pump bias current is controlled
by the PLL_CHAGPUMP<3:0> bits, approximately
25 µA per step. The loop filter consists of a 3rd order
passive RC filter. Table 4-7 shows the recommended
settings of the charge pump and loop filter parameters,
depending on the charge pump input frequency range
(output of the reference frequency divider).
When the PLL is locked, it tracks the input frequency
(fREF) with the ratio of dividers (N/R). The PLL operat-
ing status is monitored by the PLL status indication bits:
<PLL_VCOL_STAT> and <PLL_VCOH_STAT> in
Address 0xD1 (Register 5-80).
Equation 4-3 shows the VCO output frequency (fVCO) as
a function of the two dividers and reference frequency:
EQUATION 4-3:
VCO OUTPUT
FREQUENCY
See Addresses 0x54 to 0x57 (Registers 5-9 – 5-12)
for these bits settings.
The tuning range of the VCO is 1.075 GHz to
1.325 GHz. N and R values must be chosen so the
VCO is within this range. In general, lower values of the
VCO frequency (fVCO) and higher values of the charge
pump frequency (fQ) should be chosen to optimize the
clock jitter. Once the VCO output frequency is
determined to be within this range, set the final ADC
sampling frequency (fS) with the PLL output divider
using PLL_OUTDIV<3:0>. Equation 4-4 shows how to
obtain the ADC core sampling frequency:
EQUATION 4-4:
SAMPLING FREQUENCY
Table 4-8 shows an example of generating fS = 80 MHz
output using the PLL control parameters.
4.7.2.2
PLL Calibration
The PLL should be recalibrated following a change in
clock input frequency or in the PLL Configuration
register bit settings (Addresses 0x54 - 0x57;
Registers 5-9 – 5-12).
The PLL can be calibrated by toggling the PLL_-
CAL_TRIG bit in Address 0x6B (Register 5-27) or by
sending a SOFT_RESET command (See Address
0x00, Register 5-1). The PLL calibration status is
observed by the PLL_CAL_STAT bit in Address 0xD1
(Register 5-81).
4.7.2.3
Monitoring of PLL Drifts
The PLL drifts can be monitored using the status
monitoring bits in Address 0xD1 (Register 5-81).
Under normal operation, the PLL maintains a lock
across all temperature ranges. It is not necessary to
actively monitor the PLL unless extreme variations in
the supply voltage are expected or if the input
reference clock frequency has been changed.
• Input clock frequency (fREF)
= 5 MHz to 250 MHz
• Charge pump input frequency
(after PLL reference divider)
= 4 MHz to 50 MHz
• VCO output frequency
= 1.075 to1.325 GHz
• PLL output frequency after
output divider
= 50 MHz to 250 MHz
fVCO
N
R
----

 f
REF
1.075 GHz
 to 1.325 GHz

=
=
Where:
N = 1 to 4095 controlled by PLL_PRE<11:0>
R = 1 to 1023 controlled by PLL_REFDIV<9:0>
fS
fVCO
PLL_OUTDIV
--------------------------------------


50 MHz to 250 MHz
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com