Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 10Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 11Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 12Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 13Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 14Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 15Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 16Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 17Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 14
MCP37D31-80 AND MCP37D21-80
Supply Current during Power-Saving Modes
During Standby Mode
ISTANDBY_AN
—
43
—
mA
Address 0x00<4:3> = 1,1(2)
ISTANDBY_DIG
—23
—
During Shutdown Mode
IDD_SHDN
—
23
—
mA
Address 0x00<7,0> = 1,1(3)
PLL Circuit
PLL Circuit Current
IDD_PLL
—
17
—
mA
PLL enabled. Included in
analog supply current
specification.
Total Power Dissipation(4)
Power Dissipation
During Conversion,
Excluding Digital I/O
PDISS_ADC
—229
—
mW
Total Power Dissipation
During Conversion with
CMOS Output Mode
PDISS_CMOS
—
—
257
253
—
—
mW
MCP37D31-80
MCP37D21-80
@DCLK = 80 MHz
Total Power Dissipation
During Conversion with
LVDS Output Mode
PDISS_LVDS
—
—
329
320
—
—
mW
MCP37D31-80
MCP37D21-80
@LVDS_IMODE<2:0> = 3.5 mA
During Standby Mode
PDISS_STANDBY
—79
—
mW
Address 0x00<4:3> = 1,1(2)
During Shutdown Mode
PDISS_SHDN
—22
—
mW
Address 0x00<7,0> = 1,1(3)
Power-on Reset (POR) Voltage
Threshold Voltage
VPOR
—
800
—
mV
Applicable to AVDD12 only
(POR tracks AVDD12)
Hysteresis
VPOR_HYST
—40
—
mV
SENSE Input(5,7)
SENSE Input Voltage
VSENSE
GND
—
AVDD12
V
VSENSE selects reference
SENSE Pin Input
Resistance
RIN_SENSE
—500
—
To virtual ground at 0.55V.
400 mV < VSENSE <800 mV
Current Sink into SENSE
Pin
ISENSE
—
4.5
—
µA
SENSE = 1.2V
—
636
—
SENSE = 0.8V
—
-2
—
SENSE = 0V
Reference and Common-Mode Voltages
Internal Reference Voltage
(Selected by VSENSE)
VREF
—0.74
—
V
VSENSE = GND
—1.49
—
VSENSE = AVDD12
—
1.86 x VSENSE
—
400 mV < VSENSE <800 mV
Reference Voltage
Output(7,8)
VREF1—
0.4
—
V
VSENSE = GND
—0.8
—
VSENSE = AVDD12
—
0.4 - 0.8
—
400 mV < VSENSE <800 mV
VREF0—
0.7
—
V
VSENSE = GND
—1.4
—
VSENSE = AVDD12
—
0.7 - 1.4
—
400 mV < VSENSE <800 mV
Bandgap Voltage Output
VBG
—
0.55
—
V
Available at VBG pin
TABLE 2-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +125°C, AVDD18 =DVDD18 =1.8V,
AVDD12 =DVDD12 = 1.2V, GND = 0V, SENSE = AVDD12, Single-channel mode, Differential Analog Input (AIN) = Sine wave with
amplitude of -1 dBFS, fIN = 15 MHz, Clock Input = 80 MHz, fS = 80 Msps (ADC Core), Resolution = 16-bit, PLL and decimation
filters are disabled, Output load: CMOS data pin = 10 pF, LVDS = 100
termination, LVDS driver current setting = 3.5 mA, +25°C is
applied for typical value.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com