Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 92 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 92 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 88Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 89Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 90Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 91Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 92Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 93Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 94Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 95Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 92
MCP37D31-80 AND MCP37D21-80
REGISTER 5-17:
ADDRESS 0X5C – PLL LOOP FILTER CAP1
U-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
—
FCB<1:0>
PLL_CAP1<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Not used.
bit 6-5
FCB<1:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 4-0
PLL_CAP1<4:0>: Capacitor 1 value selection bits for PLL loop filter(1)
11111 = Maximum value
• • •
00111= (Default)
• • •
00000 = Minimum value
Note
1:
This capacitor is located between the charge pump output and ground, and in parallel with the shunt resistor which is defined by
the PLL_RES<4:0>. The capacitor value increases linearly with the bit settings, from minimum to maximum values. This setting
should be set based on the phase detector comparison frequency.
REGISTER 5-18:
ADDRESS 0X5D – PLL LOOP FILTER CAP2
U-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
—
FCB<1:0>
PLL_CAP2<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Not used.
bit 6-5
FCB<1:0>: Factory-Controlled Bits. This is not for the user. Do not change default settings.
bit 4-0
PLL_CAP2<4:0>: Capacitor 2 value selection bits for PLL loop filter(1)
11111 = Maximum value
• • •
00111= (Default)
• • •
00000 = Minimum value
Note
1:
This capacitor is located between the charge pump output and ground, and in parallel with CAP1 which is defined by the PLL_-
CAP1<4:0>. The capacitor value increases linearly with the bit settings, from minimum to maximum values. This setting should
be set based on the phase detector comparison frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com