Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 5Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 6Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 7Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 8Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 9Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 10Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 11Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 12Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 9
MCP37D31-80 AND MCP37D21-80
J10
VCMIN+
Analog Input Common-mode voltage input for auto-calibration(4)
These two pins should be tied together and connected to VCM voltage.
J11
VCMIN-
K1
Q2/Q1-
Digital
Output
Digital data output(3)
CMOS = Q2
DDR LVDS = Q1- (Even bit first), Q9- (MSb byte first)
Serialized LVDS = Q- for channel order (n) = 7
K2
Q3/Q1+
Digital data output(3)
CMOS = Q3
DDR LVDS = Q1+ (Even bit first), Q9+ (MSb byte first)
Serialized LVDS = Q+ for channel order (n) = 7
K3
DM1/DM+
18-bit mode: Digital data output. DM1 and DM2 are the last two LSb bits(5)
Other modes: Not used
K4
DCLK-
LVDS: Differential digital clock output (-)
CMOS: Not used (leave floating)
K5
CAL
Digital
Output
Calibration status flag digital output(6)
High: Calibration is complete
Low: Calibration is not complete
K6
GND
Supply
Common ground pin for analog and digital sections
K7
SLAVE
Digital Input Slave or Master selection pin in AutoSync (10). If not used, tie to GND.
K8
ADR0
SPI address selection pin (A0 bit). Tie to GND or DVDD18(7)
K9
ADR1
SPI address selection pin (A1 bit). Tie to GND or DVDD18(7)
K10
GND
Supply
Common ground for analog and digital sections
K11
L1
Q0/Q0-
Digital
Output
Digital data output(3)
CMOS = Q0
DDR LVDS = Q0- (Even bit first), Q8- (MSb byte first)
Serialized LVDS = Q- for the last selected channel (n=8)
L2
Q1/Q0+
Digital data output(8)
CMOS = Q1
DDR LVDS = Q0+ (Even bit first), Q8+ (MSb byte first)
Serialized LVDS = Q+ for the last selected channel (n=8)
L3
DM2/DM-
18-bit mode: Digital data output. DM1 and DM2 are the last two LSb bits(5)
Other modes: Not used
L4
DCLK+
LVDS: Differential digital clock output (+)
CMOS: Digital clock output(8)
L5
RESET
Digital Input Reset control input:
High: Normal operating mode
Low: Reset mode(9)
L6
SYNC
Digital Input/
Output
Digital synchronization pin for AutoSync(10)
If not used, leave it floating.
L7
GND
Supply
Common ground for analog and digital sections
L8
CLK+
Analog Input Differential clock input (+)
L9
CLK-
Differential clock input (-)
L10
GND
Supply
Common ground for analog and digital sections
L11
AVDD18
Analog Input Supply voltage input (1.8V) for analog section
TABLE 1-1:
PIN FUNCTION TABLE
Ball No.
Name
I/O Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com