Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 41Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 42Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 43Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 44Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 45Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 46Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 47Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 48Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 141 page
background image
MCP37D31-80 AND MCP37D21-80
DS20006382A-page 45
 2020 Microchip Technology Inc.
4.7
ADC Clock Selection
This section describes the ADC clock selection and
how to use the built-in Delay-Locked Loop (DLL) and
Phase-Locked Loop (PLL) blocks.
When the device is first powered-up, the external clock
input (CLK+/-) is directly used for the ADC timing as
default. After this point, the user can enable the DLL or
PLL circuit by setting the register bits. Figure 4-11
shows the clock control blocks. Table 4-4 shows an
example of how to select the ADC clock depending on
the operating conditions.
TABLE 4-4:
ADC CLOCK SELECTION (EXAMPLE)
Operating Conditions
Control Bit Settings(1)
Features
Input Clock Duty
Cycle Correction
DCLK Output Phase
Delay Control
CLK_SOURCE = 0 (Default)(2)
• DLL output is not used
• Decimation is not used
(Default)(3)
EN_DLL = 0
EN_DLL_DCLK = 0
EN_PHDLY = 0
Not Available
Not Available
EN_DLL = 1
EN_DLL_DCLK = 0
EN_PHDLY = 0
Available
• DLL output is used
• Decimation is not used
EN_DLL = 1
EN_DLL_DCLK = 1
EN_PHDLY = 1
Available
Available
• DLL output is not used
• Decimation is used(4)
EN_DLL = 0
EN_DLL_DCLK = X
EN_PHDLY = 1
Not Available
EN_DLL = 1
EN_DLL_DCLK = 0
EN_PHDLY = 1
Available
CLK_SOURCE = 1(5)
• Decimation is not used
EN_DLL = X
EN_DLL_DCLK = X
EN_PHDLY = 0
Not Available
Available
• Decimation is used(4)
EN_DLL = X
EN_DLL_DCLK = X
EN_PHDLY = 1
Note 1:
See Addresses 0x52, 0x53, and 0x64 for bit settings.
2:
The sampling frequency (fS) of the ADC core comes directly from the input clock buffer
3:
Output data is synchronized with the output data clock (DCLK), which comes directly from the input clock buffer.
4:
While using decimation, output clock rate and phase delay are controlled by the digital clock output control block
5:
The sampling frequency (fS) is generated by the PLL circuit. The external clock input is used as the reference input
clock for the PLL block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com