Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 28Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 29Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 30Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 31Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 32Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 33Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 34Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 35Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 32
MCP37D31-80 AND MCP37D21-80
FIGURE 3-35:
SNR/SFDR vs.Temperature:
fS = 80 Msps, fIN = 14.7 MHz, VSENSE = AVDD12,
AIN = -1 dBFS.
FIGURE 3-36:
SNR/SFDR vs. Supply
Voltage: fS = 80 Msps, fIN = 14.7 MHz.
FIGURE 3-37:
Gain and Offset Error Drifts
Vs. Temperature using Internal Reference, with
Respect to 25°C: fS = 80 Msps, fIN = 14.7 MHz,
VSENSE = AVDD12, Resolution = 16-bit,
AIN = -1dBFS.
FIGURE 3-38:
VREF0 vs. Temperature.
FIGURE 3-39:
HD2/HD3 vs. Supply
Voltage: fS = 80 Msps, fIN = 14.7 MHz.
Temp Range: -40C to +125C
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (
oC)
72.4
72.8
73.2
73.6
74
74.4
74.8
84
86
88
90
92
94
96
f
IN
= 14.7 MHz @ -1 dBFS
Resolution = 16-bit
SNR (dBFS)
SFDR (dBFS)
Waiting for New Data
1.08/1.62
1.14/1.71
1.2/1.8
1.26/1.89
1.32/1.98
Supply Voltage (V)
73.7
73.8
73.9
74
74.1
74.2
90
91
92
93
94
95
SFDR (dBFS)
SNR (dBFS)
f
IN
= 14.7 MHz @ -1 dBFS
Resolution = 16-bit
Waiting for New Data
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
Gain Error (%)
Offset (LSB)
-3
-2
-1
0
1
2
3
4
5
-55
-35
-15
5
25
45
65
85
105
125
Temperature (°C)
1.365
1.37
1.375
1.38
1.385
AV
DD18
= 1.9V
AV
DD18
= 1.8V
AV
DD18
= 1.7V
1.08/1.62
1.14/1.71
1.2/1.8
1.26/1.89
1.32/1.98
Supply Voltage (V)
-102
-100
-98
-96
-94
-92
-90
f
IN
= 14.7 MHz @ -1 dBFS
Resolution = 16-bit
HD3 (dBFS)
HD2 (dBFS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com