Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP37D21-80E/TE Datasheet(PDF) 68 Page - Microchip Technology

Part # MCP37D21-80E/TE
Description  80 Msps, 16/14-Bit High-Pr ecision Pipelined ADC
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37D21-80E/TE Datasheet(HTML) 68 Page - Microchip Technology

Back Button MCP37D21-80E/TE Datasheet HTML 64Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 65Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 66Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 67Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 68Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 69Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 70Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 71Page - Microchip Technology MCP37D21-80E/TE Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 141 page
background image
 2020 Microchip Technology Inc.
DS20006382A-page 68
MCP37D31-80 AND MCP37D21-80
4.11
Output Data format
The device can output the ADC data in offset binary or
two’s complement. The data format is selected by the
DATA_FORMAT bit in Address 0x62 (Register 5-20).
Table 4-19 shows the relationship between the analog
input voltage, the digital data output bits and the
overrange bit. By default, the output data format is
two’s complement.
4.12
Digital Output
The device can operate in one of the following three
digital output modes:
• Full-Rate CMOS
• Double-Data-Rate (DDR) LVDS
• Serialized DDR LVDS: Available in octal-channel
with 16-bit mode only)
The outputs are powered by DVDD18 and GND. The
digital
output
mode
is
selected
by
the
OUTPUT_MODE<1:0>
bits
in
Address
0x62
(Register 5-20). Figures 2-1 – 2-6 show the timing
diagrams of the digital output.
4.12.1
FULL RATE CMOS MODE
In full-rate CMOS mode, the data outputs (Q15 to Q0,
DM1 and DM2), overrange indicator (OVR), word
clock (WCK) and the data output clock (DCLK+,
DCLK–) have CMOS output levels. The digital output
should drive minimal capacitive loads. If the load
capacitance is larger than 10 pF, a digital buffer should
be used.
4.12.2
DOUBLE DATA RATE LVDS MODE
In double-data-rate LVDS mode, the output is a
parallel data stream which changes on each edge of
the output clock. See Figure 2-2 for details.
• Even-bit first option: Available for all resolution
options including 18-bit option. See Figure 2-2 for
details.
• MSb-first option: Available for the 16-bit option
only. See Figure 2-3 for details.
In multi-channel configuration, the data is output
sequentially with the WCK that is synchronized to the
first sampled channel.
The device outputs the following LVDS output pairs:
• Output Data:
- 16-/18-bit mode: Q7+/Q7- through Q0+/Q0-
- DM+/DM- (18-bit mode only)
- 14-bit mode: Q6+/Q6- through Q0+/Q0-
•OVR/WCK
• DCLK+/DCLK-
A 100Ω differential termination resistor is required for
each LVDS output pin pair. See <LVDS_LOAD> bit
option in Register 0x63 for using internal terminator.
The termination resistor should be located as close as
possible to the LVDS receiver. By default, the outputs
are standard LVDS levels: 3.5 mA output current with
a 1.15V output Common-mode voltage on a 100
 dif-
ferential load. See Address 0x63 (Register 5-21) for
more details of the LVDS mode control.
TABLE 4-19:
ADC OUTPUT CODE VS. INPUT VOLTAGE (16-BIT MODE)
Input Range
Offset Binary(1)
Two’s Complement(1)
Overrange (OVR)
AIN > AFS
1111-1111-1111-1111
0111-1111-1111-1111
1
AIN = AFS
1111-1111-1111-1111
0111-1111-1111-1111
0
AIN = AFS – 1 LSb
1111-1111-1111-1110
0111-1111-1111-1110
0
AIN = AFS – 2 LSb
1111-1111-1111-1100
0111-1111-1111-1100
0
•
•
AIN = AFS/2
1100-0000-0000-0000
0100-0000-0000-0000
0
AIN = 0
1000-0000-0000-0000
0000-0000-0000-0000
0
AIN = -AFS/2
0011-1111-1111-1111
1011-1111-1111-1111
0
•
•
AIN = -AFS + 2 LSb
0000-0000-0000-0010
1000-0000-0000-0010
0
AIN = -AFS + 1 LSb
0000-0000-0000-0001
1000-0000-0000-0001
0
AIN = -AFS
0000-0000-0000-0000
1000-0000-0000-0000
0
AIN < -AFS
0000-0000-0000-0000
1000-0000-0000-0000
1
Note 1:
MSb is sign bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com