Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 41 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 41 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 37Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 40Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 41Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 42Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 43Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 44Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 45Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
41 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Efficiency 75% at 300 mW@2 V, 500 mW@2.5 V into a 4
 transducer.
Table 31: PAOUTp, PAOUTn external components
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
C_VDDPA
Decoupling capacitor on
VDDPA
Required when Class-D is used
and guaranteed life time.
(see Figure 32)
1
F
Cs_PAOUT
Snubber capacitor (to
reduce ringing at
PAOUTp/n)
Required when Class-D is used
to prevent EMI and guaranteed
life time. (see Figure 32)
1nF
Rs_PAOUT
Snubber resistor (to
reduce ringing at
PAOUTp/n)
Required when Class-D is used
to prevent EMI and guaranteed
life time. (see Figure 32)
1
Figure 32: Class-D external components
PAOUTp
PAOUTn
VDDPA
VSS/GND
C_VDDPA
Cs_PAOUT
Rs_PAOUT
Rs_PAOUT
Figure 33: CLASS-D amplifier measurement setup
in
out
in
AP-system2, settings:
15
H
15
H
4
PAOUTp
PAOUTn
VDDPA
GND (2x)
dummy load
1
F ceramic
2.5 V (= VBAT)
DUT
100
100
(models typical speaker)
bw = <10 Hz until 30 kHz
filter = A-weighting
detection = 4/s RMS
input = high-ohmic
AP AUX-0025
passive switching ampli-
fier measurement filter
resistors reduce
influence from
measurement on
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com