Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 7Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 8Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 9Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 10Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 11Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 12Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 13Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 14Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 15Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
11 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
3.5 FIXED PART CONFIGURATION
A Fixed Part configuration with SC14CVMDECT SF
requires additional external parts as shown in Figure 4.
.
Table 4 provides the overview of required and available
interfaces for a basic or a feature rich cordless FP with
the SC14CVMDECT SF.
.
Note 8: AFE setting is configurable, refer to document [1].
Figure 4: FP configuration
SC14CVMDECT
Loudspeaker
MIC (handset)
Earpiece (handset)
MCU
Supply
Ports
Headset
Regulator
PCM
UART
Table 4: FP support overview
Item
Supported
Remark
Supply Regulator
No
Use external 3.3 V LDO
Keypad
No
On external MCU
Display
No
On external MCU
I/O Ports
Yes
All digital I/O port pins can be controlled via API
PCM interface
Yes
4x 16 bits serial I/O, PCM_FSC 8 kHz/16 kHz
UART
Yes
115.2 kbit/s, used for API-commands
Headset detection
No
Not supported by API
LSR (Earpiece, headset)
Yes
Connected to LSRp and/or LSRn
supports single-end and differential (Note 8)
MIC (Earpiece, headset,
handsfree)
Yes
Connected to MICp and/or MICn and/or MICh
supports single-end and differential (Note 8)
Handsfree speaker
Yes
Connected to PAOUTp/n (Note 8)
PSTN Line interface
No
Not supported by API
Radio
Yes
Integrated single antenna and support for external antenna(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com