Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 26 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 26 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 22Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 23Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 24Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 30Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
26 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
4.12.7 PCM Interface for PP
The SC14CVMDECT SF supports PCM interface func-
tionality to connect to an external audio source/destina-
tion. Refer to document [2] for detailed information.
• PCM interface mode
supports only master mode.
• PCM_FSC frequency
supports 8 kHz and 16 kHz.
• LENGTH of PCM_FSC
The PCM interface supports the following options:
• 1: The length of PCM_FSC pulse is equal to 1
data bit.
• 8: The length of PCM_FSC pulse is equal to 8
data bits.
• 16: The length of PCM_FSC pulse is equal to 16
data bits.
• 32: The length of PCM_FSC pulse is equal to 32
data bits.
• Start position of FSC
The PCM interface supports the following options:
• The FSC pulse starts 1 data bit before MSB bit of
the PCM channel 0 data.
• The FSC pulse starts at the same time as the
MSB bit of the PCM channel 0 data.
• PCM clock
PCM clock is delivered to an external slave PCM
device from SC14CVMDECT SF.
• PCM Data mode
Supports only linear 16 bit PCM.
Figure 26: PCM bus with compressed wideband using A-law/
-law, G726 used on air interface
PCM CLK
16 KHz FSC
PCM in
PCM out
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
AP_DATA_FORMAT_CWB_ALAW / AP_DATA_FORMAT_CWB_ULAW with 16 kHz frame sync (G.726 on air):
1st frame
1st frame
1st frame
1st frame
PCM CLK
8 KHz FSC
PCM in
PCM out
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
AP_DATA_FORMAT_CWB_ALAW / AP_DATA_FORMAT_CWB_ULAW with 8 kHz frame sync (G.726 on air):
1st frame
1st frame
2nd frame
2nd frame
1st frame
1st frame
2nd frame
2nd frame
2nd frame
2nd frame
2nd frame
2nd frame
1st frame
1st frame
1st frame
1st frame
1st frame
1st frame
1st frame
1st frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com