Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 38Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 40Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 41Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 42Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 43Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 44Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 45Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
42 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
7.7 BATTERY MANAGEMENT
7.8 BASEBAND PART
Table 32: CHARGE_CTRL pin
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Voh_charge_ctrl
Drive capability of pin
CHARGE_CTRL
sourcing 500
A
1.6
V
Vol_charge_ctrl
sinking 100
A
0.2
V
Table 33: State of charge circuit (SoC) (Operating condition)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Vsocp_socn
Input voltage
between SOCp and
SOCn
With the prescribed 0.1
 sense
resistor this results in the usable cur-
rent range
-100
+100
mV
Figure 34: State of charge (SOC) counter accuracy
SoC_asym_err
input current
1000 mA
100 mA
-100 mA
-1000 mA
A
B
SoC_sym_err: A - |B|
Table 34: Baseband specifications
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Fbit_uart
Serial interface bit rate
UART; Interface for external
microprocessor or PC
115.2
kbit/s
Fbit_flash
Flash download bit rate
Via UART
115.2
kbit/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com