Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 25 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 25 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 21Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 22Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 23Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 24Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 29Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
25 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
Figure 24: PCM bus with G.711 – A-law/
-law, 8 kHz sample rate
PCM CLK
8 KHz FSC
PCM in
PCM out
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
AP_DATA_FORMAT_G711A / AP_DATA_FORMAT_G711U with 8 kHz frame sync:
1st frame
1st frame
2nd frame
2nd frame
1st frame
1st frame
2nd frame
2nd frame
PCM CLK
16 KHz FSC
PCM in
PCM out
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 1
AP_DATA_FORMAT_G711A / AP_DATA_FORMAT_G711U with 16 kHz frame sync:
1st frame
1st frame
1st frame
1st frame
1st frame
1st frame
Channel 0
Channel 1
1st frame
1st frame
Figure 25: PCM bus with compressed wideband using A-law/
-law, G722 used on air interface
PCM CLK
16 KHz FSC
PCM in
PCM out
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
AP_DATA_FORMAT_CWB_ALAW / AP_DATA_FORMAT_CWB_ULAW with 16 kHz frame sync (G.722 used on air):
1st frame
1st frame
1st frame
1st frame
2nd frame
2nd frame
2nd frame
2nd frame
PCM CLK
8 KHz FSC
PCM in
PCM out
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
Channel 0
Channel 0
Channel 1
Channel 1
AP_DATA_FORMAT_CWB_ALAW / AP_DATA_FORMAT_CWB_ULAW with 8 kHz frame sync (G.722 used on air):
1st frame
1st frame
2nd frame
2nd frame
1st frame
1st frame
2nd frame
2nd frame
3rd frame
4th frame
3rd frame
4th frame
4th frame
3rd frame
4th frame
3rd frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com