Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 27 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 27 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 23Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 24Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 26Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 27Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 28Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 29Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 30Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 31Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
27 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
4.13 ANTENNA OPERATION
Figure
27
shows
the
internal
circuit
of
the
SC14CVMDECT SF. Pin RF0 is used for two external
antennas and can also be used for RF test purposes.
Therefore it is recommended to add a 10 pF capacitor
as reserve pattern, even when the two external anten-
nas are not used.
Re-certification of the SC14CVMDECT SF is required if
at least one external antenna is added. On request,
Dialog Semiconductor can provide a pre-certified PCB
layout for an external antenna circuit.
RF1 is also recommended to use and can be con-
nected to the RF cable to be able to do the JPN DECT
type approval test.
4.13.1 Internal antenna only
The FAD function is not enabled if only the internal
antenna is used. In this case pins RFP0, RFP0n, P0
and P0n must be left unconnected.
4.13.2 Internal and external antenna with FAD
Figure 28 shows one external antenna that is con-
nected to RF1 of the SC14CVMDECT SF. This config-
uration supports the FAD function. In this case pins
RFP0, RFP0n, P0 and P0n must be left unconnected.
Figure 27: Internal circuit of the SC14CVMDECT SF
RF1
TP1
RF0
P0n
P0
TX
RX
RFP0n
RFP0
Figure 28: One external antenna
External
Antenna
RF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com