Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 43 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 43 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 39Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 40Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 41Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 42Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 43Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 44Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 45Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 46Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 47Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
43 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
7.9 RADIO (RF) PART
Standards compliancy: ETS 301 406 (former TBR6).
Note 32: This power setting is used only for full-slot operation. Japan DECT uses the HPM/U settings for long-slot and double-slot operation.
Table 35: Radio specifications
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
P_Rx
Receiver sensitivity
BER = 0.001; TA = 25 °C
-93
-92
-89
dBm
P_Rx_T
Receiver sensitivity, full
temperature range
BER = 0.001;
-40 °C
TA 85 °C
-87
dBm
IPL
Intermodulation perfor-
mance level (EN 301 406
section 4.5.7.6)
TA = 25 °C;
Pw = -80 dBm;
f = 2 channels
-35
dBm
NTP
Normal transmitted power
HPM (DECT);
HPM/J (J-DECT)
21
23
24.5
dBm
HPM/U (DECT6.0)
20.0
dBm
LPM (any DECT mode)
12
dBm
dPrfpa_T
RFPA power variation, full
temperature range
-40 °C
TA +85 °C
2.5
4
dB
Fbit
Bit rate
GFSK modulation
1.152
Mbit/s
BW_Tx
Transmitter bandwidth
DECT GFSK;
NTP = 20 dB
1.728
MHz
Table 36: RFPA preferred settings for various power modes
Address
(VES)
Register / Parameter
HPM/U
(USA)
HPM
(Europe)
HPM/J
(Japan)(Note 32)
0x39
RF_PA_CTRL1_REG
0x09A0
0x0CF0
0x2CE0
0x3B
RF_TEST_MODE2_REG
0x0056
0x0062
0x0068
0x3D
RF_BBADC_CTRL_REG
0x0380
0x03A0
0x0398
0x05
RF_PLL_CTRL2_REG[MODINDEX]
0x25
0x25
0x23
0x23
Upper RSSI threshold
0x2C
N/A
0x28
0x24
Lower RSSI threshold
0x22
N/A
0x1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com