Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 14 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 14 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 10Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 11Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 12Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 13Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 14Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 15Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 16Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 17Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 18Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
14 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
4.0 Functional description
4.1 UART INTERFACE
The UART is normally used for API commands, but
can also be used for software upgrades and debug-
ging.
The UART is a full duplex UART with frame type:
1 start bit,
8 data bits (LSB first),
1 stop bit,
no parity,
up to 115.2 kBd.
The UART hardware interface uses only TX/RX
(see Figure 7).
Caution: All UART signals are 1.8 V, input max. 3.45 V
(see Table 18, Table 21 and Table 22). An external V.24
line driver must be provided if the UART port of the
module is connected to a standard V.24 device (±12 V).
Connecting the module without a driver may damage
the module.
4.2 VES (VIRTUAL EEPROM STORAGE)
4.2.1 VES layout
The SC14CVMDECT SF PP and FP include a 4 kB
VES which is divided into two areas (see Table 6).
VES is supported as virtual EEPROM with the internal
FLASH.
A detailed overview of the VES parameters can be
found in document reference [4].
Some parts of the VES parameters are read into the
SC14CVMDECT SF during the start up and other parts
are used by the SC14CVMDECT SF software during
execution.
The VES parameters are divided into two types:
• Factory type
• Normal type
The “factory” type is specific for the SC14CVMDECT
SF and should only be set by production. The “factory”
type parameters are either adjustments used by the
baseband or the radio interface, or are used to set up
the SC14CVMDECT SF into special modes. The “fac-
tory” type parameters will only be modified by changing
the factory programmed default value. See document
reference [4].
The “normal” VES parameters can be reset to their
default values via software.
4.2.2 VES access by MCU
The host is able to read or modify the VES parameters
or limited free VES areas via API command.
Figure 7: UART hardware configuration
SC14CVMDECT
MCU
TX (serial out), module pin 48
RX (serial in), module pin 47
GND
Table 6: VES map
VES space
Size
Usage
SC14CVMDECT
SF
3.6 kB
Used for RF, audio,
battery, tone setup,
data base, etc.
User
0.4 kB
Can be used for
MMI applications
such as User infor-
mation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com