Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 56 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 56 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 49Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 50Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 51Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 52Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 53Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 54Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 55Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 56Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 57Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
56 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
12.0 Revision history
09-Jul-2013
v1.0:
• Initial version.
12-Sep-2013
v1.1:
• Ordering code for tray version corrected.
• Ordering code for tape-on-reel version removed.
08-Nov-2013
v1.2:
• Added section 10.2 (Industry Canada require-
ments regarding the end product and the end
user).
31-Jan-2014
v1.3:
• Updated section 11.3 (Copper pad, solder open-
ing and stencil).
11-Feb-2014
v1.4:
• Corrected section 11.3 (Copper pad, solder open-
ing and stencil).
16-Apr-2014
v1.5:
• Added an explanation for RF1 in section 4.13.
29-Aug-2014
v1.6:
• Changed RF output power specification.
• Added SF02 description.
24-Dec-2014
v1.7:
• Updated section 4.13.2 (Internal and external
antenna with FAD).
28-Jul-2015
v3.0 (Final):
• Product status: Production.
• Features:
• Added support for NiMH and Alkaline batteries.
• Section 1.0:
• Ordering information table added (Table 1).
• Section 2.2:
• Reference to AN-D-204 removed.
• Reference [4] updated with file name.
• Reference [6] changed from AN-D-211 to
AN-D-212.
• Reference [7] corrected to AN-D-222.
• Section 3.2:
• Added default configuration: US DECT, FP and
CoLA enabled.
• Section 4.1 (Caution):
• Added max. UART input voltage (3.45 V).
• Section: 3.9:
• Number of PP registrations per FP rephrased
(Table 5).
• Section 6.0 (Register descriptions) added.
• Supply currents moved from section 7.8 to new
section 7.4.
• Updated supply currents for full-slot operation
(Table 19) and for long-slot operation (Table 20).
• Table 35 (Radio specifications):
• Added HPM to conditions for NTP.
• Added NTP specification for LPM.
• Table 36 (RFPA preferred settings):
• Removed ‘(PP application)’ from title, because
RFPA settings are valid for both FP and PP.
•Note 32: added Japan DECT specification for
long-slot operation.
• Table 38 (RF frequencies and channel numbers):
•Note 33 added for J-DECT channels 1, 2 and 3.
• Section 10.0: added link to reference [6].
• Section 11.0:
• Reflow soldering profile updated (Figure 39).
• Soldering stencil thickness changed to
0.130 mm.
• Package outline drawing updated (Figure 43).
• Back page:
• Status definition table updated.
• Contact information updated.
• Template updated to latest version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com