Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC14CVMDECTSF01T Datasheet(PDF) 52 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 52 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 48Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 49Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 50Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 51Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 52Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 53Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 54Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 55Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 56Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
52 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
11.0 Package information
11.1 SOLDERING PROFILE
The SC14CVMDECT SF should be soldered using a
lead-free reflow soldering profile as shown below.
Adjustments to the profile may be necessary depend-
ing on process requirements.
Recommended solder paste for lead-free soldering:
Sn 96.5 % - Ag 3.0 % - Cu 0.5 %.
11.2 MOISTURE SENSITIVITY LEVEL (MSL)
The MSL is an indicator for the maximum allowable
time period (floor life time) in which a moisture sensi-
tive plastic device, once removed from the dry bag, can
be exposed to an environment with a maximum tem-
perature of 30°C and a maximum relative humidity of
60% RH. before the solder reflow process.
The SC14CVMDECT SF is qualified to MSL 3.
Figure 39: Reflow profile (lead-free)
Time
217 °C
25 °C
Slope: 1~2 °C/s max.
(217 °C to peak)
Ramp down rate:
max. 3 °C/s
Peak temperature:
250 °C +5/-0 °C
245 °C
Temperature
>30 s
60 ~ 150 s
60 ~ 120 s
Preheat:
150 ~ 200 °C
MSL Level
Floor Life Time
MSL 4
72 hours
MSL 3
168 hours
MSL 2A
4 weeks
MSL 2
1 year
MSL 1
Unlimited at 30 °C/85 % RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com