Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 106 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 102Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 103Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 104Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 105Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 106Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 107Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 108Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 109Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Electrical characteristics
NXP Semiconductors
106
Figure 18. External VREG mode, RESET_SUP rises after VDD_HV_xxx are stable
Figure 19. External VREG mode, RESET_SUP rises with VDD_HV_xxx
NOTE
In case RESET_SUP has reached a valid high level before VDD_HV_IO is stable, the reset
sequence will start as documented in Figure 19 as the RESET_SUP input circuitry needs a
valid VDD_HV_IO rail in order to detect a high level on RESET_SUP.
VDD_HV_PMU
V
t
0.8 × VDD_HV_IO
RESET_SUP
V
t
TReset, min starts here
TReset, max starts here
VDD_HV_IO
VDD_HV_FLASH
VDD_HV_ADV
0.2 × VDD_HV_IO
Min VDD_HV_XXX
Min VDD_LV_XXX
TRSTSUP
VDD_LV_CORE
VDD_LV_PLL
VDD_HV_PMU
V
t
LvdReg + 3.5%
RESET_SUP
V
t
TReset, min starts here
TReset, max starts here
VDD_HV_IO
VDD_HV_FLASH
VDD_HV_ADV
LvdReg – 3.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com