Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 115 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 111Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 112Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 113Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 114Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 115Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 116Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 117Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 118Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 119Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
115
Figure 32. External interrupt timing
3.22.5
FlexCAN timing
3.22.6
DSPI timing
3tICYC
SR IRQ edge to edge time1
—6
—
tCYC
1 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
Table 69. FlexCAN timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1fCAN_TX CC FlexCAN design target transmit data rate
—
10
—
MBit/s
2fCAN_RX CC FlexCAN design target receive data rate
—
10
—
MBit/s
Table 70. DSPI timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tSCK
CC DSPI cycle time
Master (MTFE = 0)
62
—
ns
Slave (MTFE = 0)
62
—
Slave receive only mode1
16
—
2tCSC CC PCS to SCK delay
—
16
—
ns
3tASC CC After SCK delay
—
16
—
ns
4tSDC CC SCK duty cycle
—
0.4 × tSCK 0.6 × tSCK ns
Table 68. External interrupt timing (GPIO IRQ) (continued)
No.
Symbol
Parameter
Conditions
Min Max Unit
CLKOUT
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com