Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 112 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 108Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 109Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 110Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 111Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 112Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 113Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 114Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 115Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Electrical characteristics
NXP Semiconductors
112
Figure 28. JTAG boundary scan timing
3.22.3
Nexus timing
Table 64. Nexus debug port timing Div mode = 21
1 All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal. Rise/Fall time
for Nexus signals can be derived from Fast GPIO pad specification section.
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tMCKO
CC MCKO cycle time
—
16.67
—
ns
2tMDC
CC MCKO duty cycle2
2 Jitter/tolerance for MCKO clock is derived from PLL. Please see PLL section for jitter specification.
—50
50
%
3tMDOV
CC MCKO Low to MDO, MSEO, EVTO data valid3
3 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle in SDR mode. For DDR mode, this timing is
same for both MCKO edges.
—
–1.67
3.34
ns
4tEVTIPW
CC EVTI pulse width. Captured on JTAG TCK.
—
4.0
—
tJCYC
5tPW
CC MDO, MSEO,EVTO pulse width in SDR mode
—
1
—
tMCKO
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com