Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5675KFF0VMS2R Datasheet(PDF) 116 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 112Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 113Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 114Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 115Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 116Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 117Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 118Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 119Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Electrical characteristics
NXP Semiconductors
116
5tA
CC Slave access time
SS active to SOUT valid
—
40
ns
6tDIS
CC Slave SOUT disable time
SS inactive to SOUT High-Z or invalid
—
10
ns
7tPCSC CC PCSx to PCSS time
—
13
—
ns
8tPASC CC PCSS to PCSx time
—
13
—
ns
9tSUI
CC Data setup time for inputs
Master (MTFE = 0)
20
—
ns
Slave
2—
Master (MTFE = 1, CPHA = 0)
5—
Master (MTFE = 1, CPHA = 1)
20
—
10
tHI
CC Data hold time for inputs
Master (MTFE = 0)
–5
—
ns
Slave
4
—
Master (MTFE = 1, CPHA = 0)
11
—
Master (MTFE = 1, CPHA = 1)
–5
—
11
tSUO CC Data valid (after SCK edge)
Master (MTFE = 0)
—
4
ns
Slave
—
23
Master (MTFE = 1, CPHA = 0)
—
11
Master (MTFE = 1, CPHA = 1)
—
5
12
tHO
CC Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6
—
Master (MTFE = 1, CPHA = 0)
6
—
Master (MTFE = 1, CPHA = 1)
–2
—
13
tDT
CC Delay after Transfer
(minimum CS negation time)
Continuous mode
Non-continuos mode2
62
134
—
—
ns
1 Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. Note that in this mode, the DSPI can
receive data on SIN, but no valid data is transmitted on SOUT.
2 In non-continuous mode, this value is always tSCK × DSPI_CTARn[DT] × DSPI_CTARn[PDT]. The minimum
permissible value of DT is 2 and the minimum permissible value of PDT is 1. See the DSPI chapter of the
MPC5675K Reference Manual for more information.
Table 70. DSPI timing (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com