Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308CVMADDA Datasheet(PDF) 35 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 31Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 32Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 33Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 34Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 35Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 36Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 37Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 38Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
Freescale Semiconductor
35
PCI Express
11.3
Clocking Dependencies
The ports on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm)
of each other at all times. This is specified to allow bit rate clock sources with a ±300 ppm tolerance.
11.4
Physical Layer Specifications
Following is a summary of the specifications for the physical layer of PCI Express on this device. For
further details as well as the specifications of the transport and data link layer please use the PCI Express
Base Specification, Rev. 1.0a.
11.4.1
Differential Transmitter (TX) Output
This table defines the specifications for the differential output at all transmitters (TXs). The parameters are
specified at the component pins.
Table 34. Differential Transmitter (TX) Output Specifications
Parameter
Symbol
Comments
Min
Typical
Max
Units Note
Unit interval
UI
Each UPETX is 400 ps ± 300 ppm. UPETX
does not account for Spread Spectrum
Clock dictated variations.
399.88
400
400.12
ps
1
Differential peak-to-peak
output voltage
VTX-DIFFp-p
VPEDPPTX = 2*|VTX-D+ - VTX-D-|
0.8
—
1.2
V
2
De-Emphasized differential
output voltage (ratio)
VTX-DE-RATIO
Ratio of the VPEDPPTX of the second and
following bits after a transition divided by
the VPEDPPTX of the first bit after a
transition.
–3.0
–3.5
–4.0
dB
2
Minimum TX eye width
TTX-EYE
The maximum Transmitter jitter can be
derived as TTX-MAX-JITTER = 1 -
UPEEWTX= 0.3 UI.
0.70
—
—
UI
2, 3
Maximum time between the
jitter median and maximum
deviation from the median
TTX-EYE-MEDIAN-to-
MAX-JITTER
Jitter is defined as the measurement
variation of the crossing points
(VPEDPPTX = 0 V) in relation to a
recovered TX UI. A recovered TX UI is
calculated over 3500 consecutive unit
intervals of sample data. Jitter is
measured using all edges of the 250
consecutive UI in the center of the 3500
UI used for calculating the TX UI.
—
—
0.15
UI
2, 3
D+/D- TX output rise/fall
time
TTX-RISE, TTX-FALL
—
0.125
—
—
UI
2, 5
RMS AC peak common
mode output voltage
VTX-CM-ACp
VPEACPCMTX = RMS(|VTXD+ + VTXD-|/2 -
VTX-CM-DC)
VTX-CM-DC = DC(avg) of |VTX-D+ +
VTX-D-|/2
——
20
mV
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com