Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8308CVMADDA Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8308CVMADDA Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPC8308CVMADDA Datasheet HTML 76Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 77Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 78Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 79Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 80Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 81Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 82Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 83Page - NXP Semiconductors MPC8308CVMADDA Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 95 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 4
80
Freescale Semiconductor
Ordering Information
23.7
Pull-Up Resistor Requirements
The device requires high resistance pull-up resistors (10 k
 is recommended) on open drain type pins
including I2C, Ethernet management MDIO, HRESET and IPIC (integrated programmable interrupt
controller).
Correct operation of the JTAG interface requires configuration of a group of system control pins as
demonstrated in Figure 56. Care must be taken to ensure that these pins are maintained at a valid deasserted
state under normal operating conditions because most have asynchronous behavior and spurious assertion,
which give unpredictable results.
24 Ordering Information
This section presents ordering information for the devices discussed in this document, and it shows an
example of how the parts are marked. Ordering information for the devices fully covered by this document
is provided in Section 24.1, “Part Numbers Fully Addressed by This Document.”
24.1
Part Numbers Fully Addressed by This Document
This table provides the Freescale part numbering nomenclature for the MPC8308 family. Note that the
individual part numbers correspond to a maximum processor core frequency. For available frequencies,
contact your local Freescale sales office. In addition to the maximum processor core frequency, the part
numbering scheme also includes the maximum effective DDR memory speed. Each part number also
contains a revision code which refers to the die mask revision number.
Table 61. Part Numbering Nomenclature
MPC
nnnn
C
VM
AD
D
A
Product
Code
Part
Identifier
Temperature
Range1,4
Package2
e300 Core
Frequency3
DDR
Frequency
Revision
Level
MPC
8308
Blank = 0 to 105
C
C = –40 to 105
C
VM = Pb-free 473 MAPBGA
ZQ = Pb 473 MAPBGA
AD = 266 MHz
AF = 333 MHz
AG = 400 MHz
D = 266 MHz
Contact local
Freescale
sales office
Notes:
1. Contact local Freescale office on availability of parts with C temperature range.
2. See Section 20, “Package and Pin Listings,” for more information on available package types.
3. Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by Part Number Specifications may support other
maximum core frequencies
4. Minimum temperature is specified with TA; Maximum temperature is specified with TJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com